Part Number Hot Search : 
203002 LM293N UPC1363C 10725A PS150R04 ICE2Q IRF3717 AK8815
Product Description
Full Text Search
 

To Download MTD200510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Constant Current Control Function (Fixed Frequency PWM Control) 2 1-2 ENA 2-Phase Input (Half Step Drive Uses ENA Together) Current Decay Mode (Fast Decay or Slow Decay) Noise Cancellation Function Cross Conduction Protection Overheating Alarm Function Built-in Flywheel and Flyback Diodes
Absolute Maximum Ratings
Ta=25 Parameter Logic Supply Voltage Logic Input Voltage Load Supply Voltage Output Current Flywheel Diode Current Power Dissipation Storage Temperature Junction Temperature Symbol VCC VLOGIC Vmm IC If PD Tstg Tj -40 0 0 Rating 6 VCC 60 1.3 1.3 5 150 150 V V V A A W Ta=25 unless otherwise specified Unit
U170-1
www.shindengen.co.jp/product/semi/
Electrical Characteristics
Ta=25 Parameter Symbol Condition ,VCC=5V min. Ta=25 ,VCC=5V unless otherwise specified typ. max. Unit
Output stage
Output Saturation Voltage Upper side Output Saturation Voltage Lower side Output Leakage Current Upper side Output Leakage Current Lower side Diode Forward Drop Upper side Diode Forward Drop Lower side VCE VCE
SAT
H L
IC=0.8A IC=0.8A Vmm=60V, VOUT=0V VOUT=60V, VRs=0V If=0.8A If=0.8A
-
1.0 1.0 1.3 1.3
1.4 1.4 10 10 1.6 1.5
V V A A V V
SAT
IrH IrL VFH VFL
Logic stage
VCC 2 ON Logic Supply Current 2 Circuit ON VCC 2 OFF Logic Supply Current 2 Circuit OFF Phase/Enable/Decay H Phase/Enable/Decay H Input Voltage Phase/Enable/Decay L Phase/Enable/Decay L Input Voltage Phase/Enable/Decay H Phase/Enable/Decay H Input Current Phase/Enable L Phase/Enable L Input Current Decay L Decay L Input Current Vref Vref Input Current Vs Vs Input Current Chopping Frequency Blanking Time Vs Vs Maximum Voltage Thermal Alarm Leakage Current Thermal Alarm Output Current Thermal Alarm Operating Temperature ICC (ON) ICC (OFF) VPHA/ENA/DECH VPHA/ENA/DECL IPHA/ENA/DECH IPHA/ENAL IDECL Iref Is fchop tb Vs (max) Ir (alm) Ialm Talm Valm=5V Valm=0.5V VPHA/ENA/DEC=5V VPHA/ENA=0V VDEC=0V Vref=0V Vs=0V Ct=4700pF,Rt=13k Ct=4700pF VENA=0A VENA=5V 2.3 GND 25 19 -100 -200 -1 -1 22 2.2 140 33 26 VCC 0.8 10 -150 -300 -10 -10 1.0 10 2 mA mA V V A A A A A kHz s V A mA
www.shindengen.co.jp/product/semi/
U170-1
Typical Application
Recommended External Components Value
Symbol Rs Rt Ct R1+R2 Recommendation 0.68 13 4700 10 k pF k Unit
Recommended Operating Conditions
Ta=25 Parameter Junction Temperature Logic Supply Voltage Load Supply Voltage Symbol Tj VCC Vmm Ta=25 unless otherwise specified Unit Recommendation -25 4.75 5 120 5.25 54 V V
Setting of Output Current and Chopping Frequency
Output Current Setting lchop Vref A Rs Chopping Frequency Setting fchop 1 Hz 0.72 x Ct x Rt
T=1/fchop Ichop
Constant current waveform Motor current
U170-1
www.shindengen.co.jp/product/semi/
3/4
Pin Assignment
MARKING SIDE VIEW MTD2005
Pin 27 Pin 26 Pin 25 Pin 24 Pin 23 Pin 22 Pin 21 Pin 20 Pin 19 Pin 18 Pin 17 Pin 16 Pin 15 Pin 14 Pin 13 Pin 12 Pin 11 Pin 10 Pin 9 Pin 8 Pin 7 Pin 6 Pin 5 Pin 4 Pin 3 Pin 2 Pin 1
Vs B Vref B Vcc Decay Phase B ENA B LG B Vmm B NC OUT 4 Rs B NC NC OUT 3 PG OUT 2 Rs A OUT 1 NC Vmm A LG A ENA A Phase A CR ALARM Vref A Vs A
Package ZIP27
Truth Table
ENA A or B L L H PHA A or B L H : don't care DECAY L H Decay Mode Fast Slow Switching Transistor Both source and sink transistor Only source transistor OUT 1 or 4 L H OFF OUT 2 or 3 H L OFF
www.shindengen.co.jp/product/semi/
U170-1


▲Up To Search▲   

 
Price & Availability of MTD200510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X